PART |
Description |
Maker |
HTP8A80H |
3 Quadrants Standard TRIAC
|
SemiHow Co.,Ltd.
|
HTS4A80H HTS4A60H |
3 Quadrants Standard TRIAC
|
SemiHow Co.,Ltd.
|
BTA312-800ET BTA312-800ET10 |
3Q Hi-Com Triac Triggering in three quadrants only
|
NXP Semiconductors
|
KTK1A80 |
4 Quadrants Sensitive TRIAC
|
SemiHow Co.,Ltd.
|
CLA40MT1200NHR |
Three Quadrants operation: QI - QIII 1~ Triac
|
IXYS Corporation
|
HTD2A80AS |
3 Quadrants 2A TRIAC
|
SemiHow Co.,Ltd.
|
STIP4006 STI2006 STIP3006 STI2506 STIP2506 STIP150 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Transient Surge Protection Thyristor; Package/Case:DO-214AA; Repetitive Reverse Voltage Max, Vrrm:320V; Capacitance:60pF; Holding Current:50mA; Leakage Current:5uA; Mounting Type:Through Hole; On-State Saturation Voltage:4V Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-202; Current, It av:6A; Holding Current:50mA TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 1A I(C) | TO-66 Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:10mA; Package/Case:V-PAK; Current, It av:4A; Holding Current:20mA TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 1A I(C) | TO-66
|
|
TF4A60 |
Standard Triac
|
Apollo Electron Co., Ltd.
|
DF11-10DEP-2C DF11-8DS-2V DF11-10DEP-2A DF11-10DEP |
2mm Double-Row Connector (Product Compliant to UL/CSA Standard) INDUCTOR, 3.3UH 2.64A CAB 27C 27#12 PIN RECP OPTOISO 400VDRM TRIAC OUT SMD OPTOISO 400VDRM TRIAC OUT 6-DIP 2mm Double-Row Connector (Product Compliant to UL/CSA Standard) 2mm的双排连接器(产品符合UL / CSA标准
|
HIROSE[Hirose Electric] http:// Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
CQ92BT CQ92NT CQ92DT CQ92MT |
Leaded Thyristor TRIAC Triac 12 Amp, 600 Volt Triac Chip TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
CQ220I-10D CQ220I-10N CQ220I-10B CQ220I-10M |
CAP 0.039UF 16V 10% X7R SMD-0805 TR-7 PLATED-NI/SN 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 10 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
KTA1A80 |
4 Quadrants Sensitive TRIACS
|
Tiger Electronic Co.,Lt...
|